Part Number Hot Search : 
MS2501 MS2501 23VL070 STK4164 L4969 1N4737AM F2048 USB22
Product Description
Full Text Search
 

To Download NACEN220M5063X55TR13F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Surface Mount Aluminum Electrolytic Capacitors
FEATURES
* * * * * CYLINDRICAL V-CHIP CONSTRUCTION FOR SURFACE MOUNTING NON-POLARIZED, 2000 HOURS AT 85OC 5.5mm HEIGHT ANTI-SOLVENT (2 MINUTES) includes all homogeneous materials DESIGNED FOR REFLOW SOLDERING
*See Part Number System for Details Rated Voltage Rating Rated Capacitance Range Operating Temperature Range Capacitance Tolerance Max. Leakage Current After 1 Minutes at 20C Max. Tan @ 120Hz/20C Low Temperature Stability (Impedance Ratio @ 120Hz) Load Life Test at Rated W.V. 85C 2,000 Hours (Reverse polarity every 500 hours) 6.3 ~ 50Vdc 0.1 ~ 47F -40 ~ +85C 20%(M), 10%(K)* 0.03CV +6A maximum W.V. (Vdc) Tan @ 120Hz/20C W.V. (Vdc) Z-40C/Z +20C Z-40C/Z +20C Capacitance Change Tan Leakage Current
NACEN Series
RoHS Compliant
CHARACTERISTICS
6.3 10 16 25 35 50 0.24 0.20 0.17 0.17 0.15 0.15 6.3 10 16 25 35 50 4 3 2 2 2 2 8 8 4 4 3 3 Within 25% of initial measured value Less than 200% of specified value Less than specified value
MAXIMUM PERMISSIBLE RIPPLE CURRENT (mA rms AT 120Hz AND 85OC)
Cap. (F) 0.1 0.22 0.33 0.47 1.0 2.2 3.3 4.7 10 22 33 47 Working Voltage (Vdc) 6.3 31 39 47 10 17 35 43 16 12 25 39 57 25 10 19 28 35 8.4 17 20 30 50 1.0 2.3 3.5 5.0 10 15 18 23 23 -
STANDARD PRODUCT AND CASE SIZE TABLE DXL (mm)
Cap. (F) 0.1 0.22 0.33 0.47 1.0 2.2 3.3 4.7 10 22 33 Code R10 R22 R33 R47 1R0 2R2 3R3 4R7 100 220 330 Working Voltage (Vdc) 6.3 5x5.5* 10 4x5.5* 16 4x5.5 5x5.5* 25 4x5.5* 5x5.5* 35 4x5.5* 5x5.5* 5x5.5* 50 4x5.5 4x5.5 4x5.5* 4x5.5 4x5.5* 5x5.5* 5x5.5* 6.3x5.5 -
6.3x5.5* 6.3x5.5* 6.3x5.5*
6.3x5.5* 6.3x5.5*
6.3x5.5* 6.3x5.5* 6.3x5.5*
47 470 6.3x5.5* *Denotes values available in optional 10% tolerance
PART NUMBER SYSTEM
NACEN
DIMENSIONS (mm)
Case Size D0.5 L max. A/B0.2 I 0.2 W 4x5.5 4.0 5.5 4.3 1.8 0.5 ~ 0.8 5x5.5 5.0 5.5 5.3 2.1 0.5 ~ 0.8 6.3x5.5 6.3 5.5 6.6 2.5 0.5 ~ 0.8 P0.2 1.0 1.4 2.2 I
100 M 16V 5x5.5 TR 13 F
Series
RoHS Compliant 97% Sn (min.), 3% Bi (max.) 330mm (13") Reel Tape & Reel Size in mm Working Voltage Tolerance Code M=20%, K=10% Capacitance Code in F, first 2 digits are significant Third digit is no. of zeros, "R" indicates decimal for values under 10F
D
W
I
A
0.3mm max.
L
P
(R)
Please review the notes on correct use, safety and precautions found on pages T10 & T11 of NIC's Electrolytic Capacitor catalog. Also found at www.niccomp.com/precautions If in doubt or uncertainty, please review your specific application - process details with NIC's technical support personnel: tpmg@niccomp.com
PRECAUTIONS
B
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
9


▲Up To Search▲   

 
Price & Availability of NACEN220M5063X55TR13F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X